Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB13-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMB13-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMB13-Q
Download  PUMB13-Q Download
File Size   235.99 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ

PUMB13-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMB13-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMB13-Q
Download  PUMB13-Q Click to download

File Size   235.99 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ

PUMB13-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMB13-Q Product details

1. General description
PNP/PNP double Resistor-Equipped Transistors (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low current peripheral driver
• Control of IC inputs
• Replaces general-purpose transistors in digital applications




Similar Part No. - PUMB13-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB13 PHILIPS-PUMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMB13 PHILIPS-PUMB13 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB13 NXP-PUMB13 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PUMB13 NEXPERIA-PUMB13 Datasheet
915Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
More results


Similar Description - PUMB13-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMB11-Q NEXPERIA-PUMB11-Q Datasheet
237Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ
25 October 2021
PUMD10-Q NEXPERIA-PUMD10-Q Datasheet
279Kb / 15P
NPN/PNP double Resistor-Equipped Transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
14 September 2021
PUMD12-Q NEXPERIA-PUMD12-Q Datasheet
277Kb / 15P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
16 December 2021
PUMD13-Q NEXPERIA-PUMD13-Q Datasheet
250Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PUMB3 NEXPERIA-PUMB3 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com