Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211651 Datasheet (PDF) - Renesas Technology Corp

RAA211651 Datasheet PDF - Renesas Technology Corp
Part # RAA211651
Download  RAA211651 Download
File Size   3143.17 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 5A Low Quiescent Current Integrated Switching Regulator

RAA211651 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211651 Datasheet PDF - Renesas Technology Corp

Part # RAA211651
Download  RAA211651 Click to download

File Size   3143.17 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 5A Low Quiescent Current Integrated Switching Regulator

RAA211651 Datasheet (HTML) - Renesas Technology Corp


RAA211651 Product details

Features
▪ 4.5V to 60V input supply range
▪ 0.8V reference voltage with 1% accuracy
▪ Adjustable output voltage (0.8V to Dmax*VIN)
▪ Modulator: Constant On-Time (COT)
▪ Low quiescent current
▪ Excellent line and load regulation
▪ Selectable internal or external control loop
compensation
▪ Variable load dependent switching frequency
▪ Output Power-Good (PG) indicator
▪ Programmable and optional fixed 2ms soft-start
feature
▪ Programmable startup and shutdown delay
▪ Integrated LDO with bypass capability allowing for
high-efficiency operation
▪ Full protection: High-Side Overcurrent (HSOC) and
low-side current protections in both directions,
output Overvoltage Protection (OVP) and Output
Undervoltage Protection (OUVP), input
Undervoltage Lockout (UVLO), and
Over-Temperature Protection (OTP)
▪ Optional 3.3V default VOUT using internal feedback
▪ 28 Ld 4mmx5mm QFN package




Similar Part No. - RAA211651

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
May 6, 2021
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA2116504GNP#HA0 RENESAS-RAA2116504GNP#HA0 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA2116504GNP#MA0 RENESAS-RAA2116504GNP#MA0 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA211650 RENESAS-RAA211650_V01 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
More results


Similar Description - RAA211651

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
Small switching (60V, 5A)
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Linear Technology
LT3976 LINER-LT3976 Datasheet
417Kb / 28P
40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LT3995 LINER-LT3995 Datasheet
352Kb / 24P
60V, 3A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
LT3995 LINER-LT3995_15 Datasheet
352Kb / 24P
60V, 3A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
LT3976 LINER-LT3976_15 Datasheet
417Kb / 28P
40V, 5A, 2MHz Step-Down Switching Regulator with 3.3A Quiescent Current
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
May 6, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com