Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211650 Datasheet (PDF) - Renesas Technology Corp

RAA211650 Datasheet PDF - Renesas Technology Corp
Part # RAA211650
Download  RAA211650 Download
File Size   3406.74 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 5A Integrated Switching Regulator

RAA211650 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211650 Datasheet PDF - Renesas Technology Corp

Part # RAA211650
Download  RAA211650 Click to download

File Size   3406.74 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 5A Integrated Switching Regulator

RAA211650 Datasheet (HTML) - Renesas Technology Corp


RAA211650 Product details

Features
▪ 4.5V to 60V input supply range
▪ Integrated high-side (90mΩ) and low-side (37mΩ)
MOSFETs
▪ 1% accurate voltage reference over temperature
▪ Fixed-frequency operation with optional spread
spectrum and external clock sync
▪ Adjustable switching frequency from 200kHz to
2.5MHz
▪ Programmable soft-start timing
▪ Programmable startup and shutdown delays
▪ Bidirectional overcurrent protection on both
internal FETs
▪ Extensive voltage and temperature protection
▪ Compact 28 Ld 4x5mm QFN package




Similar Part No. - RAA211650

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA2116504GNP#HA0 RENESAS-RAA2116504GNP#HA0 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA2116504GNP#MA0 RENESAS-RAA2116504GNP#MA0 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
RAA211650 RENESAS-RAA211650_V01 Datasheet
3Mb / 35P
60V 5A Integrated Switching Regulator
Dec 1, 2023
More results


Similar Description - RAA211650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
5A SWITCHING REGULATOR
Jun-2000
logo
Rohm
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
Small switching (60V, 5A)
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
logo
Fairchild Semiconductor
SH1605 FAIRCHILD-SH1605 Datasheet
195Kb / 4P
5A Efficient Switching Regulator
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
logo
Renesas Technology Corp
RAA211651 RENESAS-RAA211651 Datasheet
3Mb / 35P
60V 5A Low Quiescent Current Integrated Switching Regulator
May 6, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com