Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA214401 Datasheet (PDF) - Renesas Technology Corp

RAA214401 Datasheet PDF - Renesas Technology Corp
Part # RAA214401
Download  RAA214401 Download
File Size   1173.41 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA Wide Input Range Ultra Low Quiescent Current Linear Regulator

RAA214401 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214401 Datasheet PDF - Renesas Technology Corp

Part # RAA214401
Download  RAA214401 Click to download

File Size   1173.41 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA Wide Input Range Ultra Low Quiescent Current Linear Regulator

RAA214401 Datasheet (HTML) - Renesas Technology Corp


RAA214401 Product details

Features
▪ Wide input voltage range (4.5V to 40V at 1mA
load)
▪ Ultra low 3.6µA quiescent current
▪ High output voltage accuracy
▪ Excellent line and load regulation
▪ Stable with 2.2µF - 200µF MLCC output capacitor
▪ Integrated fault protections including thermal
shutdown and current limit
▪ Available in the compact and cost-effective SOT23
package




Similar Part No. - RAA214401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214403 RENESAS-RAA214403 Datasheet
1Mb / 23P
40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators
Aug 8, 2023
RAA2144034GP3#JA0 RENESAS-RAA2144034GP3#JA0 Datasheet
1Mb / 23P
40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators
Aug 8, 2023
RAA2144034GQS#GA0 RENESAS-RAA2144034GQS#GA0 Datasheet
1Mb / 23P
40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators
Aug 8, 2023
RAA214404 RENESAS-RAA214404 Datasheet
1Mb / 23P
40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators
Aug 8, 2023
RAA2144044GP3#JA0 RENESAS-RAA2144044GP3#JA0 Datasheet
1Mb / 23P
40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators
Aug 8, 2023
More results


Similar Description - RAA214401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
24V, 150mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com