Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA214404 Datasheet (PDF) - Renesas Technology Corp

RAA214404 Datasheet PDF - Renesas Technology Corp
Part # RAA214404
Download  RAA214404 Download
File Size   1962.39 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators

RAA214404 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214404 Datasheet PDF - Renesas Technology Corp

Part # RAA214404
Download  RAA214404 Click to download

File Size   1962.39 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V 150mA Low IQ Fixed Output Voltage (3.3V, 3.6V, 5V, 9V) Low Dropout Regulators

RAA214404 Datasheet (HTML) - Renesas Technology Corp


RAA214404 Product details

▪ Typical low-quiescent current: 3.8μA at no load
▪ Typical shutdown current (SOT23 package): <0.5μA
▪ Wide input voltage range: up to 40V with 45V line transient tolerance
▪ Max output current: 150mA
▪ Output voltage accuracy: ±3% over line, load, and temperature
▪ Typical dropout voltage: 0.5V at 100mA
▪ Fixed output voltage options: 3.3V, 3.6V, 5V, and 9V
▪ Stable with 2.2μF minimum ceramic output capacitor
▪ Overcurrent and over-temperature protection
▪ Junction temperature range: -40°C to 125°C




Similar Part No. - RAA214404

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214401 RENESAS-RAA214401 Datasheet
1Mb / 14P
150mA Wide Input Range Ultra Low Quiescent Current Linear Regulator
Oct 6, 2022
More results


Similar Description - RAA214404

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
logo
Linear Technology
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
logo
Linear Technology
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com