Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX603 Datasheet (PDF) - Maxim Integrated Products

MAX603 Datasheet PDF - Maxim Integrated Products
Part # MAX603
Download  MAX603 Download
File Size   134.22 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators

MAX603 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX603 Datasheet PDF - Maxim Integrated Products

Part # MAX603
Download  MAX603 Click to download

File Size   134.22 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators

MAX603 Datasheet (HTML) - Maxim Integrated Products


MAX603 Product details

General Description
The MAX603/MAX604 low-dropout, low quiescent current, linear regulators supply 5V, 3.3V, or an adjustable output for currents up to 500mA. They are available in a 1.8W SO package. Typical dropouts are 320mV at 5V and 500mA, or 240mV at 3.3V and 200mA. Quiescent currents are 15µA typ and 35µA max. Shutdown turns off all circuitry and puts the regulator in a 2µA off mode. A unique protection scheme limits reverse currents when the input voltage falls below the output. Other features include foldback current limiting and thermal overload protection.

Features
♦ 500mA Output Current, with Foldback Current Limiting
♦ High-Power (1.8W) 8-Pin SO Package
♦ Dual Mode™ Operation: Fixed or Adjustable Output from 1.25V to 11V
♦ Large Input Range (2.7V to 11.5V)
♦ Internal 500mA P-Channel Pass Transistor
♦ 15µA Typical Quiescent Current
♦ 2µA (Max) Shutdown Mode
♦ Thermal Overload Protection
♦ Reverse-Current Protection




Similar Part No. - MAX603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6030 MAXIM-MAX6030 Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
281Kb / 14P
Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
281Kb / 14P
Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
More results


Similar Description - MAX603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com