Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA270005KFP Datasheet (PDF) - Renesas Technology Corp

RAA270005KFP Datasheet PDF - Renesas Technology Corp
Part # RAA270005KFP
Download  RAA270005KFP Download
File Size   1391.24 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Power Management IC

RAA270005KFP Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA270005KFP Datasheet PDF - Renesas Technology Corp

Part # RAA270005KFP
Download  RAA270005KFP Click to download

File Size   1391.24 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Power Management IC

RAA270005KFP Datasheet (HTML) - Renesas Technology Corp


RAA270005KFP Product details

Description
The RAA270005KFP is a general-purpose Power Management IC (PMIC), and suitable for RENESAS
RH850/P1x series microcontroller (MCU). The features and the details of the PMIC are described in this
document.
The PMIC contains two types of DCDCs converters: buck and boost, two low dropout linear regulators
(LDO) and two linear trackers.
The switching frequency of boost/buck DCDCs are typical 420 kHz, 2.1 MHz respectively.
Monitor functions for the internal status are implemented. Input voltage, output of all regulators, and
internal analog voltage corresponding to temperature can be monitored through ADC of MCU. And
reference voltage can be monitored for testing the ADC of MCU as well.
The PMIC has sequencer circuits for controlling power-up/down, therefore any external sequencer
circuits are unnecessary. And the PMIC can control an external backup-power for MCU.
Features
• Supply the power to Renesas RH850/P1x (eVR)
• Load dump robustness
• Input voltage range: 6.6~18.5V to perform specified characteristics.
5.4V~: continued operation without low voltage detection
3.8V~: continued operation declined the output voltage
* If not use the boost DCDC converter
• DCDC converter:
Boost: 6.0V/250mA (Input voltage: 2.2V~)
Buck: 6.1V/600mA
• Linear regulators:
1. Output voltage : 3.3V/10mA
2. Output voltage : 5.0V/350mA with reverse protection
• Two linear trackers
Output voltage: VOUT1/100mA with reverse protection
• Automatic power sequence
• An external backup-power control
• Watchdog timer
• Analog multiplexer
• Interrupt request
• Thermal shut down
• Reset generator
• External devices control
• Monitoring to a core voltage in MCU.
• Exposed die pad, HLQFP package, 40pin 9mm x 9mm




Similar Part No. - RAA270005KFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA270000KFT RENESAS-RAA270000KFT Datasheet
1Mb / 68P
General purpose Power Management IC
2020.1
More results


Similar Description - RAA270005KFP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Renesas Technology Corp
RAA270000KFT RENESAS-RAA270000KFT Datasheet
1Mb / 68P
General purpose Power Management IC
2020.1
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com