Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA271000 Datasheet (PDF) - Renesas Technology Corp

RAA271000 Datasheet PDF - Renesas Technology Corp
Part # RAA271000
Download  RAA271000 Download
File Size   2352.25 Kbytes
Page   105 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General-Purpose Power Management IC for Automotive Applications

RAA271000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA271000 Datasheet PDF - Renesas Technology Corp

Part # RAA271000
Download  RAA271000 Click to download

File Size   2352.25 Kbytes
Page   105 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General-Purpose Power Management IC for Automotive Applications

RAA271000 Datasheet (HTML) - Renesas Technology Corp


RAA271000 Product details

Features
▪ Input range: 2.7V to 5.5V
▪ Five switching regulators with adjustable output
▪ VOUT from 0.3V ~ 3.3V at:
• 15A (Buck 1)
• 2A (Buck 2-3)
• 4A (Buck 4-5)
▪ Programmable current limits for all bucks
▪ Two linear regulators
• Output 0.6V to 3.6V at 300mA (LDO1-2)
▪ 12-bit analog-to-digital converter for monitoring
▪ Configurable through I2C or SPI interface
▪ Programmable power sequence
▪ Supports R-Car SoC sequence of activation
▪ Challenge-response watchdog timer
▪ Dual thermal protection system
▪ 60 ball BGA package, 0.8mm pitch
▪ ASIL-D ISO26262 Development Process
▪ AEC-Q100 qualified (grade 1)




Similar Part No. - RAA271000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000A4HBG#AC0 RENESAS-RAA271000A4HBG#AC0 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000 RENESAS-RAA271000_V01 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
More results


Similar Description - RAA271000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65311-Q1 TI1-TPS65311-Q1 Datasheet
1Mb / 49P
High-Voltage Power-Management IC for Automotive Safety Applications
TPS65310A-Q1 TI1-TPS65310A-Q1 Datasheet
1Mb / 68P
High-Voltage Power-Management IC For Automotive Safety Applications
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
TPS65313-Q1 TI1-TPS65313-Q1_V01 Datasheet
6Mb / 204P
TPS65313-Q1 Wide-VIN Power-Management IC for Automotive Applications
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
Renesas Technology Corp
RAA270000KFT RENESAS-RAA270000KFT Datasheet
1Mb / 68P
General purpose Power Management IC
2020.1
RAA270005KFP RENESAS-RAA270005KFP Datasheet
1Mb / 77P
General Purpose Power Management IC
Apr. 9, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com