Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA271082 Datasheet (PDF) - Renesas Technology Corp

RAA271082 Datasheet PDF - Renesas Technology Corp
Part # RAA271082
Download  RAA271082 Download
File Size   1799.91 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator

RAA271082 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA271082 Datasheet PDF - Renesas Technology Corp

Part # RAA271082
Download  RAA271082 Click to download

File Size   1799.91 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator

RAA271082 Datasheet (HTML) - Renesas Technology Corp


RAA271082 Product details

Features
▪ ASIL-D ISO26262 Development Process
▪ VIN Operating Range from 4.0 to 42V
• Start Range 4.5 to 42V
▪ Fixed Switching frequency: 2.2MHz with optional
pseudo-random spread spectrum
▪ Three synchronous bucks with internal
compensation and one LDO
• Buck1 output range: 2.8V to 5.05V, up to 1A
• Buck2/3 output range: 0.85V to 3.3V, up to 1A
• LDO4 output range: 2.7V to 3.4V, up to 300mA
▪ OTP UV/OV Thresholds: ±4%, ±6%, ±8%, ±12%
▪ OTP power up/down sequence and delay
▪ Optional output discharge on Buck2, Buck3, and
LDO4
▪ Configurable GPIO pin
▪ Dual EN pins
▪ Protection Features
• Input Voltage UVLO
• Output OV/UV
• Overcurrent protection on internal and output
LDOs
• Over-temperature shutdown
▪ Functional Safety Features
• Built-in Self Test (BIST) at power up
• Dual Bandgap/Reference Chains
• Independent UV/OV sense path for Buck1
Output
• Configurable Window Watchdog Timer (WWDT)
• Continuous CRC checking of OTP shadow
registers
• CRC protected I2C communication
• Configurable fault manager
▪ AEC-Q100 Qualified, Grade 1: -40°C to +125°C
(TJ = 150°C)




Similar Part No. - RAA271082

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA271082 RENESAS-RAA271082 Datasheet
1Mb / 78P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Mar 5, 2025
RAA271082A4HNP#AA0 RENESAS-RAA271082A4HNP#AA0 Datasheet
1Mb / 78P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Mar 5, 2025
RAA271082A4HNP#HA0 RENESAS-RAA271082A4HNP#HA0 Datasheet
1Mb / 78P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Mar 5, 2025
RAA271082A4HNP#MA0 RENESAS-RAA271082A4HNP#MA0 Datasheet
1Mb / 78P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Mar 5, 2025
RAA271082 RENESAS-RAA271082_V01 Datasheet
1Mb / 78P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Mar 5, 2025
More results


Similar Description - RAA271082

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Allegro MicroSystems
ARG81400 ALLEGRO-ARG81400 Datasheet
4Mb / 61P
Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
ARG81402 ALLEGRO-ARG81402 Datasheet
2Mb / 45P
PMIC for Safety-Related Systems, with SR Buck Pre-Regulator, 5 Linear Regulators, Watchdog Timer, and SPI
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Renesas Technology Corp
ISL78083 RENESAS-ISL78083 Datasheet
918Kb / 33P
Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Nov.15.19
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com