Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78083 Datasheet (PDF) - Renesas Technology Corp

ISL78083 Datasheet PDF - Renesas Technology Corp
Part # ISL78083
Download  ISL78083 Download
File Size   918.13 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator

ISL78083 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78083 Datasheet PDF - Renesas Technology Corp

Part # ISL78083
Download  ISL78083 Click to download

File Size   918.13 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator

ISL78083 Datasheet (HTML) - Renesas Technology Corp


ISL78083 Product details

Features
• VIN operating range from 4.0V to 42V
○ Start range: 4.5V to 42V
• Fixed switching frequency: 2.2MHz with optional
pseudo-random spread spectrum
• Three synchronous bucks with internal
compensation and one LDO
○ Buck1 output range: 3.3V to 5.05V
○ Buck2 output range: 1.0V to 3.3V
○ Buck3 output range: 1.0V to 3.3V
○ LDO4 output range: 2.8V to 3.4V
• Output UV/OV thresholds, OTP: ±4%, ±6%, ±8%,
±12%
• OTP power up/down sequence and delay
• Optional output discharge on Buck2, Buck3, and
LDO4
• Current at VIN input under shutdown: <1μA typical
• Protection features
○ Input voltage UVLO
○ Output OV/UV
○ Positive and negative current limits on bucks
○ Overcurrent protection on internal and output
LDOs
○ Fail-safe controller
○ CRC of OTP registers
○ OTP hiccup or latch-off fault response




Similar Part No. - ISL78083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010 Datasheet
694Kb / 19P
Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
Automotive Grade TFT-LCD Power Supply
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
393Kb / 18P
Automotive Grade TFT-LCD Power Supply
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
694Kb / 19P
Automotive Grade TFT-LCD Power Supply
More results


Similar Description - ISL78083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
300mA , Low Power, Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX16920 MAXIM-MAX16920 Datasheet
3Mb / 20P
Automotive Power-Management IC with Three Step-Down Converters and Linear Regulator
Rev 1; 8/11
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
Low Power Low Dropout Linear Regulators
logo
Analog Devices
LT3380 AD-LT3380 Datasheet
1Mb / 30P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
09/21-REV.A
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Renesas Technology Corp
RAA271082 RENESAS-RAA271082 Datasheet
1Mb / 76P
Automotive PMIC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
Jul 13, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com