Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTD113E Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTD113E Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTD113E
Download  PDTD113E Download
File Size   245.79 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ

PDTD113E Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD113E Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTD113E
Download  PDTD113E Click to download

File Size   245.79 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ

PDTD113E Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTD113E Product details

Features
* Built-in bias resistors
* Simplifies circuit design
* 500 mA output current capability
* Reduces component count
* Reduces pick and place costs
* ±10 % resistor ratio tolerance




Similar Part No. - PDTD113E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113E PHILIPS-PDTD113E Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
Rev. 01-14 April 2005
PDTD113E NXP-PDTD113E Datasheet
131Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
PDTD113EK PHILIPS-PDTD113EK Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTD113EK PHILIPS-PDTD113EK Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
Rev. 01-14 April 2005
PDTD113EK NXP-PDTD113EK Datasheet
131Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
More results


Similar Description - PDTD113E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD113ZT-Q NEXPERIA-PDTD113ZT-Q Datasheet
201Kb / 8P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
6 April 2022
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTB113ET NEXPERIA-PDTB113ET Datasheet
239Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 3 - 14 September 2010
PDTB113ZT NEXPERIA-PDTB113ZT Datasheet
206Kb / 8P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
15 January 2021
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTD113ZT NEXPERIA-PDTD113ZT Datasheet
897Kb / 8P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 January 2023
PDTD123E_SER NEXPERIA-PDTD123E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
PDTD123T_SER NEXPERIA-PDTD123T_SER Datasheet
243Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
Rev. 03 - 16 November 2009
PDTD123Y_SER NEXPERIA-PDTD123Y_SER Datasheet
246Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
Rev. 02 - 16 November 2009
PDTD143ET-Q NEXPERIA-PDTD143ET-Q Datasheet
247Kb / 13P
500 mA, 50 V NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
5 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com