Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20CM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR20CM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR20CM-12LB
Download  BCR20CM-12LB Download
File Size   478.14 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - Triac Medium Power Use

BCR20CM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR20CM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR20CM-12LB
Download  BCR20CM-12LB Click to download

File Size   478.14 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - Triac Medium Power Use

BCR20CM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR20CM-12LB Product details

Features
• IT (RMS) : 20 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT III: 30 mA(20mA) Note6
• Tj: 150 °C
• Non-insulated Type
• Planar Passivation Type




Similar Part No. - BCR20CM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-12LB RENESAS-BCR20CM-12LB_15 Datasheet
202Kb / 8P
600V - 20A - Triac Medium Power Use
More results


Similar Description - BCR20CM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-12LB RENESAS-BCR20FM-12LB Datasheet
113Kb / 8P
600V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20CM-12LB RENESAS-BCR20CM-12LB_15 Datasheet
202Kb / 8P
600V - 20A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
800V - 20A - Triac Medium Power Use
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
600V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR20FM-14RA RENESAS-BCR20FM-14RA Datasheet
468Kb / 7P
700V - 20A - Triac Medium Power Use
Oct. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com