Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR25CM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR25CM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR25CM-12LB
Download  BCR25CM-12LB Download
File Size   475.7 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 25A - Triac

BCR25CM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR25CM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR25CM-12LB
Download  BCR25CM-12LB Click to download

File Size   475.7 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 25A - Triac

BCR25CM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR25CM-12LB Product details

Features
• IT (RMS) : 25 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT III: 50 mA
• Tj: 150 °C
• Non-insulated Type
• Planar Passivation Type




Similar Part No. - BCR25CM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
600V - 25A - Triac Medium Power Use
More results


Similar Description - BCR25CM-12LB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
logo
Renesas Technology Corp
BCR25FM-12LB RENESAS-BCR25FM-12LB Datasheet
62Kb / 4P
600V - 25A - Triac Medium Power Use
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB_15 Datasheet
120Kb / 8P
600V - 25A - Triac Medium Power Use
BCR25FR-12LB RENESAS-BCR25FR-12LB_15 Datasheet
119Kb / 8P
600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB_17 Datasheet
802Kb / 9P
600V - 25A - Triac
BCR25FM-14LJ RENESAS-BCR25FM-14LJ Datasheet
505Kb / 9P
700V - 25A - Triac
May 31, 2018
BCR25FR-12LB RENESAS-BCR25FR-12LB Datasheet
493Kb / 9P
600V - 25A - Triac Medium Power Use
May 31, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com