Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2541B-L Datasheet (PDF) - Sanken electric

TM2541B-L Datasheet PDF - Sanken electric
Part # TM2541B-L
Download  TM2541B-L Download
File Size   52.23 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3PF 25A Triac

TM2541B-L Datasheet (PDF)

Go To PDF Page Download Datasheet
TM2541B-L Datasheet PDF - Sanken electric

Part # TM2541B-L
Download  TM2541B-L Click to download

File Size   52.23 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3PF 25A Triac

TM2541B-L Datasheet (HTML) - Sanken electric




Similar Part No. - TM2541B-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
More results


Similar Description - TM2541B-L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56070 NTE-NTE56070 Datasheet
20Kb / 2P
TRIAC, 25A, High Commutation
logo
Sanken electric
TM1262B-R SANKEN-TM1262B-R Datasheet
50Kb / 2P
TO-3PF 12A Triac
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
logo
Fairchild Semiconductor
SGF23N60UFDTU FAIRCHILD-SGF23N60UFDTU Datasheet
363Kb / 1P
TO-3PF Tube Packing Data
logo
Sanken electric
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
Renesas Technology Corp
BCR25FM-12LB RENESAS-BCR25FM-12LB_17 Datasheet
802Kb / 9P
600V - 25A - Triac
logo
STMicroelectronics
T2650-6PF STMICROELECTRONICS-T2650-6PF Datasheet
226Kb / 10P
26 A 600 V Snubberless Triac in TO-3PF
Rev 1 - December 2020
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB Datasheet
475Kb / 9P
600V - 25A - Triac
Sep. 11, 2018
BCR25FM-14LJ RENESAS-BCR25FM-14LJ Datasheet
505Kb / 9P
700V - 25A - Triac
May 31, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com