Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1262B-R Datasheet (PDF) - Sanken electric

TM1262B-R Datasheet PDF - Sanken electric
Part # TM1262B-R
Download  TM1262B-R Download
File Size   50.21 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3PF 12A Triac

TM1262B-R Datasheet (PDF)

Go To PDF Page Download Datasheet
TM1262B-R Datasheet PDF - Sanken electric

Part # TM1262B-R
Download  TM1262B-R Click to download

File Size   50.21 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3PF 12A Triac

TM1262B-R Datasheet (HTML) - Sanken electric




Similar Part No. - TM1262B-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1261 SANKEN-TM1261 Datasheet
64Kb / 2P
TO-220F 12A Triac
logo
Apollo Electron Co., Lt...
TM1261M APOLLOELECTRON-TM1261M Datasheet
1Mb / 6P
Standard Triac
TM1261S APOLLOELECTRON-TM1261S Datasheet
1Mb / 6P
Standard Triac
logo
Sanken electric
TM1261S-L SANKEN-TM1261S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1261S-R SANKEN-TM1261S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
More results


Similar Description - TM1262B-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
12A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
TRIAC 600V,12A
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
STMicroelectronics
T2650-6PF STMICROELECTRONICS-T2650-6PF Datasheet
226Kb / 10P
26 A 600 V Snubberless Triac in TO-3PF
Rev 1 - December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com