Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1262B-R Datasheet(PDF) 2 Page - Sanken electric

Part # TM1262B-R
Description  TO-3PF 12A Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM1262B-R Datasheet(HTML) 2 Page - Sanken electric

  TM1262B-R Datasheet HTML 1Page - Sanken electric TM1262B-R Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.1
1
100
10
0.8
1.2
2.0 2.4
1.6
3.6
2.8
3.2
0
0
50
25
150
100
75
125
24
8
10
614
12
1
5
0.1
10
5
50
1
10
100
1000
5000
0
0.4
0.8
1.2
1.6
2.0
2.4
0
–40
75
100
125
50
25
0
20
60
40
140
120
100
80
1
5
10
50
100
0
4
2
14
12
10
8
6
06
8
10
24
12
Mode
VGM =10V
PG(AV)=0.5W
PGM =5W
VGD=0.1V
–40
°C VGT1=2.2V
25
°C VGT1=1.8V
–40
°C VGT2,3=1.5V
25
°C
VGT2.3=1.2V
(VD=20V RL=40
Ω)
Mode
0
0.4
0.8
1.2
1.6
2.0
2.4
0
–40
75
100
125
50
25
Junction temperature Tj (
°C)
(VD=20V RL=40
Ω)
0.5
1
5
10
50
0
–40
75
100
125
50
25
(VD=20V RL=40
Ω)
0.5
1
5
10
50
0
–40
75
100
125
50
25
Junction temperature Tj (
°C)
(RG-K=1k
Ω)
1
100
10
1000
0
–40
75
100
125
50
25
Junction temperature Tj (
°C)
1
0.5
5
10
3
10
2
10
110
4
10
5
(RG-K=
∞)
61
TM1262B-R
On-state voltage
vT (V)
vT – iT Characteristics (max)
Tj =125
°C
Tj =25
°C
Number of cycle
ITSM Ratings
1cycle
10 ms
ITSM
Tj=125
°C
Initial junction temperature
RMS on-state current IT(RMS) (A)
IT(RMS) –PT(AV) Characteristics
Full-cycle sinewave
Conduction angle :360
°
RMS on-state current IT(RMS) (A)
IT(RMS) – Tc Ratings
Full-cycle sinewave
Conduction angle :360
°
Gate current
iGF (mA)
Gate Characteristics
Junction temperature Tj (
°C)
VGT temperature characteristics
( Typical)
VGT (Mode
) temperature characteristics
(Typical)
Junction temperature Tj (
°C)
IGT temperature characteristics
( Typical)
IH temperature characteristics
( Typical)
IL temperature characteristics
( Typical)
t, Time (ms)
rth(j-c) –t Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com