Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1262B-R Datasheet(PDF) 1 Page - Sanken electric

Part # TM1262B-R
Description  TO-3PF 12A Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM1262B-R Datasheet(HTML) 1 Page - Sanken electric

  TM1262B-R Datasheet HTML 1Page - Sanken electric TM1262B-R Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
sAbsolute Maximum Ratings
sElectrical Characteristics
Parameter
Symbol
Ratings
Unit
Conditions
V
Conduction angle 360
°, Tc=98°C
RGK=
∞, Tj=–40°C to +125°C
50Hz full-cycle sinewave, Peak value, Non-repetitive, Tj=125
°C
f
50Hz, duty
10%
f
50Hz, duty
10%
50Hz Sine wave, RMS, Terminal to Case, 1 min.
600
A
A
A
W
W
°C
°C
Vrms
VDRM
IT(RMS)
ITSM
IGM
PGM
PG(AV)
Tj
Tstg
VISO
12
120
2
5
0.5
– 40 to
+125
– 40 to
+125
2000
V
T2
+
, G
+
T2
+
, G
–
T2
–
, G
–
T2
–
, G
+
T2
+
, G
+
T2
+
, G
–
T2
–
, G
–
T2
–
, G
+
V
mA
V
mA
°C/W
Parameter
Symbol
Ratings
typ
min
max
Unit
Conditions
mA
IDRM
VTM
VGT
IGT
VGD
IH
Rth
0.6
0.7
2.1
5.0
4.5
5.0
25
6
1.1
1.2
8.0
8.0
8.0
2.0
0.1
2.0
2.0
2.0
0.4
0.4
0.8
1.6
1.8
1.2
0.1
0.3
2.0
VD=VDRM, RGK=
∞, Tj=125°C
VD=VDRM, RGK=
∞, Tj=25°C
ITM=16A, TC=25
°C
VD=20V, RL=40
Ω, TC=25°C
VD=20V, RL=40
Ω, TC=25°C
Junction to case
Tj=25
°C
VD=1/2
×VDRM, Tj=125°C
60
TM1262B-R
TO-3PF 12A Triac
s Features
q
Repetitive peak off-state voltage: VDRM=600V
q
RMS on-state current: IT(RMS)=12A
q
Gate trigger current: IGT=8mA max (MODE , ,
)
q
Isolation voltage: VISO=2000V (AC, 1min.)
q
For resistive load
q
UL approved type available
15.6±0.2
5.45±0.1
3.35±0.2
3.45±0.2
5.5±0.2
3.2±0.2
2.15
5.45±0.1
1.5 4.4 1.5
–0.1
+0.2
1.05–0.1
+0.2
0.65–0.1
+0.2
1.75–0.1
+0.2
External Dimensions
(Unit: mm)
Weight: Approx. 6.5g
(1) (2) (3)
(1). Terminal 1 (T1)
(2). Terminal 2 (T2)
(3). Gate (G)
a. Part Number
b. Lot Number
a
b
Repetitive peak off-state voltage
RMS on-state current
Surge on-state current
Peak gate current
Peak gate power loss
Average gate power loss
Junction temperature
Storage temperature
Isolation voltage
Off-state current
On-state voltage
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Holding current
Thermal resistance


Similar Part No. - TM1262B-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1261 SANKEN-TM1261 Datasheet
64Kb / 2P
TO-220F 12A Triac
logo
Apollo Electron Co., Lt...
TM1261M APOLLOELECTRON-TM1261M Datasheet
1Mb / 6P
Standard Triac
TM1261S APOLLOELECTRON-TM1261S Datasheet
1Mb / 6P
Standard Triac
logo
Sanken electric
TM1261S-L SANKEN-TM1261S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1261S-R SANKEN-TM1261S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
More results

Similar Description - TM1262B-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
12A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
TRIAC 600V,12A
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
STMicroelectronics
T2650-6PF STMICROELECTRONICS-T2650-6PF Datasheet
226Kb / 10P
26 A 600 V Snubberless Triac in TO-3PF
Rev 1 - December 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com