Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCA1224 Datasheet (PDF) - Renesas Technology Corp

CCA1224 Datasheet PDF - Renesas Technology Corp
Part # CCA1224
Download  CCA1224 Download
File Size   972.33 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Interface IC (Driver, Receiver)

CCA1224 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCA1224 Datasheet PDF - Renesas Technology Corp

Part # CCA1224
Download  CCA1224 Click to download

File Size   972.33 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Interface IC (Driver, Receiver)

CCA1224 Datasheet (HTML) - Renesas Technology Corp


CCA1224 Product details

FEATURES
• Two or combined data inputs (3.3 V and 5.0 V)
• Hysteresis input comparator
• Current drive output typ. 3.8 mA
• Hysteresis comparator for receiver
• Wide receiver common-mode input range of 0 to 5V typ.
• Open collector receiver output
• Operating VCC 5 V ±0.5 V
• Standby function (IVCC < 1 μA)
• ESD protection 2 kV
• on all IO pins
• SOP8 package
• Automotive qualified (AECQ100)




Similar Part No. - CCA1224

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
Bus Interface IC (Driver, Receiver)
CCA1224_SO-P8 DIALOG-CCA1224_SO-P8 Datasheet
866Kb / 12P
Bus Interface IC (Driver, Receiver)
More results


Similar Description - CCA1224

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
3-STATE Bus Driver/Receiver
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
BUS DRIVER / RECEIVER
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
Bus Interface Driver/Receiver IC
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
Bus Interface Driver/Receiver IC
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
CAN Bus Driver and Receiver
16-May-11
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
Bus Interface Driver/Receiver IC
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
Bus Interface Driver/Receiver IC
Apr 24, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com