Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA12187FP Datasheet (PDF) - Renesas Technology Corp

HA12187FP Datasheet PDF - Renesas Technology Corp
Part # HA12187FP
Download  HA12187FP Download
File Size   249.0 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Interface Driver/Receiver IC

HA12187FP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA12187FP Datasheet PDF - Renesas Technology Corp

Part # HA12187FP
Download  HA12187FP Click to download

File Size   249.0 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Interface Driver/Receiver IC

HA12187FP Datasheet (HTML) - Renesas Technology Corp


HA12187FP Product details

Description

The HA12187FP was developed to be used as a bus interface driver/receiver IC in automotive audio equipment controllers. It implements a two-wire serial bus.



Features

• Supports two data inputs (Pins 1 and 3 are the input pins)

• Comparators with hysteresis characteristics were adopted for the inputs

• Current drive output drivers adopted (Output current: 3.8 mA typical)

• Comparators with hysteresis characteristics were adopted for the receivers

• Wide receiver common-mode input operating range (Common-mode input operating range: 0 to 5 V typical)

• The driver output and the receiver input can withstand high voltages (Maximum rating: 18 V)

• Standby function (The IC enters standby mode when pin 8 goes low)

• Operating power-supply voltage range: 5 V ±0.5 V



Functions

• Two-input OR circuit

• Input comparator circuit

• Current output driver circuit

• Receiver input comparator circuit

• Receiver output circuit

• Standby circuit



 




Similar Part No. - HA12187FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
Bus Interface Driver/Receiver IC
More results


Similar Description - HA12187FP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
3-STATE Bus Driver/Receiver
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
BUS DRIVER / RECEIVER
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
Bus Interface Driver/Receiver IC
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
CAN Bus Driver and Receiver
16-May-11
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
Bus Interface Driver/Receiver IC
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
Bus Interface Driver/Receiver IC
Apr 24, 2008
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
Bus Interface IC (Driver, Receiver)
31-Oct-2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com