Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCE4502 Datasheet (PDF) - Renesas Technology Corp

CCE4502 Datasheet PDF - Renesas Technology Corp
Part # CCE4502
Download  CCE4502 Download
File Size   1257.85 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CCE4502 IO-Link Device IC with Integrated Frame Handler

CCE4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCE4502 Datasheet PDF - Renesas Technology Corp

Part # CCE4502
Download  CCE4502 Click to download

File Size   1257.85 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CCE4502 IO-Link Device IC with Integrated Frame Handler

CCE4502 Datasheet (HTML) - Renesas Technology Corp


CCE4502 Product details

1. Description
High-voltage interface ASSP with overvoltage, high current and high temperature protection, based on a 0.18
μm HV-CMOS technology. There is a wide range of supported applications with different packaging and
configuration options. Typical applications are industrial sensors and actuators.
2. Features
• IO-Link Compliant Transceiver*
• Integrated UART (COM1-3)
• Hardware IO-Link Stack support
• All IO-Link M-sequence types supported
• One IO-Link slave channel with up to 200mA driving current
• Programmable PNP-, NPN- and Push-Pull mode
• Auxiliary multi-purpose 200mA Input-Output-Channel
• Slew rate control
• Reverse-polarity protection
• Low TC on-chip oscillator with ±2 % frequency accuracy
• Overcurrent protection
• Overvoltage and high temperature detection
• SPI interface
• Rich configuration options
• Evaluation board available
• QFN24 and CSP24 package




Similar Part No. - CCE4502

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4502CC3.3B-QFN DIALOG-CCE4502CC3.3B-QFN Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
More results


Similar Description - CCE4502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
IO-Link Device Transceivers with Integrated Surge Protection
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com