Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet (PDF) - STMicroelectronics

L6362A Datasheet PDF - STMicroelectronics
Part # L6362A
Download  L6362A Download
File Size   1229.42 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link communication transceiver device IC

L6362A Datasheet (PDF)

Go To PDF Page Download Datasheet
L6362A Datasheet PDF - STMicroelectronics

Part # L6362A
Download  L6362A Click to download

File Size   1229.42 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link communication transceiver device IC

L6362A Datasheet (HTML) - STMicroelectronics


L6362A Product details

Description
The L6362A is an IO-Link and SIO mode transceiver device compliant to PHY2 (3-wire connection) supporting COM1 (4.8 kbaud), COM2 (38.4 kbaud) and COM3 (230.4 kbaud) modes. The output stage can be configured as high-side, low-side or push-pull and it can drive resistive, capacitive and inductive loads. It can be connected to a sensor chip with the industrial 24 V environment. The industrial environment could be a PLC, an IO-Link master, a relay or a valve. The L6362A is protected against reverse polarity, among VCC, GND, OUTH, OUTL and I/Q pins. Furthermore, the IC is protected against output short-circuit, overvoltage and fast transient conditions (±1 kV, 500 Ω and 18 μF coupling).




Similar Part No. - L6362A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
L6362A STMICROELECTRONICS-L6362A Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results


Similar Description - L6362A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com