Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 3Page - STMicroelectronics L6362A Datasheet HTML 4Page - STMicroelectronics L6362A Datasheet HTML 5Page - STMicroelectronics L6362A Datasheet HTML 6Page - STMicroelectronics L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
L6362A
Pin description
DocID027660 Rev 4
7/37
2
Pin description
Figure 2: Pin connection (top through view)
Table 2: Pin description
Number
Name
Function
Type
1
VDD
Linear regulator output voltage
Output
2
IN1
Digital input
Input
3
IN2
Digital input
Input
4
EN/DIAG
Output enable/fault diagnostic
Input/output open
drain
5
OUTI/Q
I/Q channel logic output
Output
6
OL
Overload (diagnostic)
Output (open
drain)
7
GND
IC ground
Supply
8
SEL
Linear regulator output voltage selection
Input
9
OUTL
LS channel output
Output
10
I/Q
I/Q receiver line
Input
11
OUTH
HS channel output
Output
12
VCC
IC supply voltage
Supply
13
Exposed
pad
Not connected
In order to guarantee all features and protections, the exposed pad cannot be
electrically connected to any other net. To improve the thermal performance, it
can be connected to a floating copper area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com