Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 9Page - STMicroelectronics L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics L6362A Datasheet HTML 12Page - STMicroelectronics L6362A Datasheet HTML 13Page - STMicroelectronics L6362A Datasheet HTML 14Page - STMicroelectronics L6362A Datasheet HTML 15Page - STMicroelectronics L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L6362A
Electrical characteristics
DocID027660 Rev 4
13/37
5
Electrical characteristics
(7 V < VCC < 36 V; -40 °C < TJ < 125 °C, unless otherwise specified)
Table 7: Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUVON
Undervoltage on threshold
5.5
6.5
V
VUVOFF
Undervoltage off threshold
5.1
5.9
V
VUVH
Undervoltage hysteresis
300
mV
ICC
Supply current
VCC = 24 V, no-load on
output stage and VDD,
EN/DIAG=1
2.3
mA
VCC = 36 V, no-load on
output stage and VDD,
EN/DIAG=1
2.5
VCC = 5 V, no-load on
output stage and VDD,
EN/DIAG=1
0.8
VCC = 24 V, no-load on
output stage and VDD,
EN/DIAG=0
2
SR
Maximum slew rate of VCC
increase from off condition
to avoid current pulse on
output stage (IOUT < 10 mA)
OUTH = GND or OUTL =
VCC, EN=GND VCC = 36 V
1.5
V/μs
Table 8: Output stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDS(on)
High-side on-state
resistance
IOUT = 0.1 A @ TJ = 25 °C
1
Ω
IOUT = 1 A @ TJ = 125 °C
1.6
Low-side on-
resistance
IOUT = 0.1 A @ TJ = 25 °C
0.8
IOUT = 1 A @ TJ = 125 °C
1.4
VOLHS
OUTH output
voltage
VCC = 24 V open load; EN/DIAG=0
3
V
VOLLS
OUTL output
voltage
VCC = 24 V open load; EN/DIAG = 0
VCC-3
V
IOlk
Output leakage
current HS
Output leakage current (HS) IN1 =
GND,IN2 = GND EN = VDD and
OUTH = GND
1
10
μA
IOlk
Output leakage
current LS
Output leakage current (LS) IN1 =
VDD, IN2 = GND EN = VDD and OUTL
= VCC
0.7
10
μA
IOPP
Current from OUT
pin in PP
Output current (PP) EN = GND and
OUT = VCC or OUT = GND
70
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com