Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 24Page - STMicroelectronics L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics L6362A Datasheet HTML 28Page - STMicroelectronics L6362A Datasheet HTML 29Page - STMicroelectronics L6362A Datasheet HTML 30Page - STMicroelectronics L6362A Datasheet HTML 31Page - STMicroelectronics L6362A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Protection and diagnostic
L6362A
28/37
DocID027660 Rev 4
Figure 13: Output current in overload condition
11.4
Deadtime
Deadtime protection is also known as cross-conduction or shoot-through protection. When
used in push-pull configuration, OUTH and OUTL pins are wired together. A deadtime is
necessary between each high-side switch (HS) turn-off and low-side switch (LS) turn-on,
and vice versa, in order to avoid cross-conduction of the two switches. The IC integrates a
deadtime generator to properly drive the output stage avoiding cross-conduction. The
deadtime is inserted only when the IN2 pin changes its state. The deadtime is not inserted
when IN1 or EN/DIAG pin changes its state. The IC must be driven by the IN2 pin in case
of push-pull configuration (OUTH and OUTL wired together). The IC should be driven by
IN1 in case of HS (OUTL left unconnected) or LS (OUTH left unconnected) configurations,
in order to avoid unnecessary delays when the output switch turns on. In any case, the
EN/DIAG pin can be also driven by an external source (for example a microcontroller).
11.5
EN/DIAG pin
The EN/DIAG pin is internally wired to a diagnostic open drain transistor, so it must be
driven by a series resistor only. The open drain transistor is active (turn-on) while any of the
following fault conditions is present, independently on the INx pin state:
Undervoltage lock-out (2.5 V < VCC < VUVOFF)
Overtemperature detected (TJ is above the threshold specified in Table 12: "Protection
and diagnostic"
The output turns off due to the cut-off protection see
Please note that in case of faults, the output stage (OUTH and OUTL) is disabled by an
internal path, independently on the status of the EN/DIAG pin. Besides, note that the
diagnostic signal is not visible if the EN/DIAG pin is pulled low from the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com