Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics L6362A Datasheet HTML 23Page - STMicroelectronics L6362A Datasheet HTML 24Page - STMicroelectronics L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics L6362A Datasheet HTML 28Page - STMicroelectronics L6362A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
L6362A
Slow demagnetization
DocID027660 Rev 4
25/37
10
Slow demagnetization
Slow demagnetization is also known as synchronous rectification or slow current decay and
it is active in push pull mode. When a high-side driver turns off an inductance, a reversed
polarity voltage appears across the load. In push-pull configuration the low-side switch is
ON and the OUTH pin is pulled at a voltage slightly (depending on the low-side switch
drop) below the ground. The energy is dissipated in both IC internal switch and load
resistance. Similarly, in case of load connected between the OUTL pin and VCC, at the
switch-off of the low-side switch, the HS switch is ON and the output is pushed to a voltage
slightly higher than VCC. Slow demagnetization is always active in PP configurations: the
diodes of the integrated switches activate the slow demagnetization even when the IC is
driven by EN/DIAG instead of IN2. See Table 14: "Output stage truth table" for the detailed
behavior of the power stage in different configurations and conditions.
Figure 10: Slow demagnetization principle operation. (PP, load to GND)
Figure 11: Slow demagnetization operation example. HS configuration (load to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com