Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 18Page - STMicroelectronics L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics L6362A Datasheet HTML 22Page - STMicroelectronics L6362A Datasheet HTML 23Page - STMicroelectronics L6362A Datasheet HTML 24Page - STMicroelectronics L6362A Datasheet HTML 25Page - STMicroelectronics L6362A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Output stage operation
L6362A
22/37
DocID027660 Rev 4
8.4
Low-side operation
The IC can be operated in low-side mode, with active clamping, by leaving the OUTH pin
unconnected. IC should be driven by the IN1 pin and IN2 pin sets the phase relation
between IN1 and OUTL. See Table 14: "Output stage truth table"
Figure 5: Low-side operation
Linear
regulator
Undervoltage lock-out
- Current limit.
- Cut-off
- Overtemp.
- Active clamp
Receiver
Output stage
(Transmitter)
Overload
detection
Logic
interface
L6362A
VCC
GND
OUTH
I/Q
OUTL
1 µF
LS operation:
OUTL is used as output
OUTH is unconnected
n.c.
IN2 can be also wired
to GND to change polarity
sets 3V3 / 5 V
output voltage
enables / disables the output stage
and provides faults feedbacks
IN1 should be used
in HS or LS
VDD
IN2
OUT
I/Q
OL
SEL
IN1
Microcontroller
IRQ
GPIOs
IRQ
VDD
GPIOs
UART
or GPIO
to the load
EN / DIAG
GIPG020320151044LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com