Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 13Page - STMicroelectronics L6362A Datasheet HTML 14Page - STMicroelectronics L6362A Datasheet HTML 15Page - STMicroelectronics L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics L6362A Datasheet HTML 18Page - STMicroelectronics L6362A Datasheet HTML 19Page - STMicroelectronics L6362A Datasheet HTML 20Page - STMicroelectronics L6362A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
L6362A
Electrical characteristics
DocID027660 Rev 4
17/37
Table 13: Linear voltage regulator
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD5
Regulated output voltage
VCC from 7 V to 36 V, no-load on
VDD
4.5
5
5.5
V
VDD3.3
3.0
3.3
3.6
Iscr
Short-circuit current
limitation
SEL = GND
12
20
mA
SEL = VDD
10
20
ΔVLR
Line regulation
VCC = 8 to 36 V, TJ = 25 °C, Io =
2 mA
8
mV
ΔVLDR
Load regulation
Io = 2 to 7 mA, TJ = 25 °C
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com