Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics L6362A Datasheet HTML 12Page - STMicroelectronics L6362A Datasheet HTML 13Page - STMicroelectronics L6362A Datasheet HTML 14Page - STMicroelectronics L6362A Datasheet HTML 15Page - STMicroelectronics L6362A Datasheet HTML 16Page - STMicroelectronics L6362A Datasheet HTML 17Page - STMicroelectronics L6362A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Electrical characteristics
L6362A
14/37
DocID027660 Rev 4
Table 9: I/Q receiver
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI/QTHLH
I/Q upper voltage threshold
8 V < VCC < 18 V
58.3
72.2
%VCC
VCC
≥ 18 V
10.5
11.75
13
V
VI/QTHHL
I/Q lower voltage threshold
8 V < VCC < 18 V
44.4
63.9
%VCC
VCC
≥ 18 V
8
9.75
11.5
V
VQHY
I/Q hysteresis voltage
VCC
≥ 18 V
0.8
2
V
RI/Q
Weak pull-down on I/Q pin
250
550
kΩ
tdbq
I/Q debounce time
30
50
110
ns
Table 10: Timing VCC = 24 V
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DTHS-LS
Deadtime between HS
switch-off and LS switch-
on (push-pull
configuration)
IN2 commutations only LOADH =
120 Ω between OUT and GND;
LOADL
= 120 Ω between OUT
and VCC
110
ns
DTLS-HS
Deadtime between LS
switch-off and HS
switch-on (push-pull
configuration)
140
tpI/Q
I/Q to OUTI/Q
propagation delay time
200
tpOUT
INx (or EN/DIAG) to
OUTH or OUTL
propagation delay time
EN/DIAG = VDD, IN1
commutations in HS or LS
configurations only. R-L load
(120 Ω, 10 µH) to GND in HS, to
VCC in LS
370
ns
EN/DIAG=VDD, IN2
commutations in PP
configuration only. R-L load (120
Ω, 10 µH) to GND for high, low
transitions of the output, to VCC
for low, high transitions
270
ns
EN/DIAG commutations in HS or
LS configurations only. R-L load
(120 Ω, 10 µH) to GND in HS, to
VCC in LS
400
ns
tr(ON)
OUTX and I/Q rise time
(from VCC 10% to VCC
80%) in push-pull and
HS configuration
(high-side switch turn-
on)
IOUT = 0.2 A, R-L load (L = 10
µH) to GND. I = 0.2 A flowing
from the IC to the load.
EN/DIAG, IN1 or IN2
commutations
380
860
ns
tf(ON)
OUTX and I/Q fall time
(from VCC 90% to VCC
10%) in push-pull and LS
configuration (low-side
switch turn-on)
IOUT = 0.2 A, R-L load (L = 10
µH) to VCC. I = 0.2 A flowing from
the load to the IC. EN/DIAG, IN1
or IN2 commutations
380
860
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com