Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 5Page - STMicroelectronics L6362A Datasheet HTML 6Page - STMicroelectronics L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics L6362A Datasheet HTML 12Page - STMicroelectronics L6362A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L6362A
Pin description
DocID027660 Rev 4
9/37
2.7
OL
This pin has an open drain structure and is active low. The open drain is active in case of
overload (current limitation). It can be used by the host microcontroller to detect an IO-Link
wake-up request event.
2.8
VCC
IC supply voltage.
2.9
OUTH
This pin is the output of the high-side power transistor.
2.10
OUTL
This pin is the output of the low-side power transistor.
2.11
I/Q
Input pin of the integrated receiver. The level of the signal on the I/Q pin is transferred to
the OUTI/Q pin, according to the receiver thresholds defined in Table 8: "Output stage",
and truth table see Table 14: "Output stage truth table", connect to GND if it is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com