Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet (PDF) - STMicroelectronics

L6360 Datasheet PDF - STMicroelectronics
Part # L6360
Download  L6360 Download
File Size   791.36 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link communication master transceiver IC

L6360 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6360 Datasheet PDF - STMicroelectronics

Part # L6360
Download  L6360 Click to download

File Size   791.36 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link communication master transceiver IC

L6360 Datasheet (HTML) - STMicroelectronics


L6360 Product details

Description
The L6360 is a monolithic IO-Link master port compliant with PHY2 (3-wire) supporting COM1 (4.8 kbaud), COM2 (38.4 kbaud) and COM3 (230.4 kbaud) modes. The C/QO output stage is programmable: high-side, low-side or push-pull; also cut-off current, cut-off current delay time, and restart delay are programmable. Cut-off current and cut-off current delay time, combined with thermal shutdown and automatic restart, protect the device against overload and short-circuit.

Features
• Supply voltage from 18 V to 32.5 V
• Programmable output stages: high-side, low-side or push-pull (< 2 Ω)
• Up to 500 mA L+ protected high-side driver
• COM1, COM2 and COM3 mode supported
• Additional IEC61131-2 type 1 input
• Short-circuit and overcurrent output protection through current limitation and programmable cut-off current
• 3.3 V / 5 V, 50 mA linear regulator
• 5 mA IO-Link digital input
• Fast mode I2C for IC control, configuration and diagnostic
• Diagnostic dual LED sequence generator and driver
• 5 V and 3.3 V compatible I/Os
• Overvoltage protection (> 36 V)
• Overtemperature protection
• ESD protection
• Miniaturized VFQFPN 26L (3.5x5x1 mm) package

Applications
• Industrial sensors
• Factory automation
• Process control




Similar Part No. - L6360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
627Kb / 4P
STM32 Nucleo pack for IO-Link master with IO-Link v1.1 PHY and stack
04-Jul-2018
More results


Similar Description - L6360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
AN4075 STMICROELECTRONICS-AN4075 Datasheet
415Kb / 23P
STEVAL-IFP016V2 IO-Link communication master transceiver
25-Apr-2012
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com