Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 5Page - STMicroelectronics L6360 Datasheet HTML 6Page - STMicroelectronics L6360 Datasheet HTML 7Page - STMicroelectronics L6360 Datasheet HTML 8Page - STMicroelectronics L6360 Datasheet HTML 9Page - STMicroelectronics L6360 Datasheet HTML 10Page - STMicroelectronics L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
L6360
Pin connections
Doc ID 022817 Rev 2
9/65
13
ENL+
L+ switch enable. When ENL+ is high the switch is closed
Input
14
IRQ
Interrupt request signal (open drain)
Output
15
SCL
Serial clock line
Input
16
SDA
Serial data line
Input/output
17
RST
Reset - active low
Input
18
SA0
Serial address 0
Input
19
LED1
Status/diagnostic LED (open drain)
Output
20
LED2
Status/diagnostic LED (open drain)
Output
21
L-
L- line (IC ground)
Supply
22
VCC
IC power supply
Supply
23
L+
L+ line
Supply
24
I/Q
I/Q channel line
Input
25
C/QI
Transceiver (C/Q channel) line
Input
26
C/QO
Transceiver (C/Q channel) line
Output
Table 2.
Pin description (continued)
Pin
Name
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com