Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Device configuration
L6360
26/65
Doc ID 022817 Rev 2
Bit 3 = LOL:
L+ overload
This bit is set if a cutoff occurs on the L+ driver.
It is reset after a successful current read if the restart delay time (trcol)
has elapsed or the protection is latched (bit trcol = 1 in Control register 2).
The read operation should begin after the LOL bit has been set. See also
the Control register 2 and Transceiver sections.
When LOL bit is high, IRQ is generated.
When LOL bit is high and the protection is latched (bit trcol = 1 in
Control register 2), the L+ power output is disabled.
The behavior is the same as the C/Q driver (see Figure 12).
Bit 2 = not used: always at zero
Bit 1 = REG LN: Linear regulator undervoltage fault
This bit is set in case of undervoltage of the linear regulator output
(VREGLNL). It is reset after a successful current read if the linear
regulator output has returned to normal operation and the read operation
has begun after the bit has been set.
When REG LN bit is high, IRQ is generated.
Bit 0 = PE:
Parity check error
This flag is set if parity error occurs.
Control register 1
Read/write
Reset value: [00100001]
Figure 13.
Control register 1
The control register holds the parameters to control the L6360. See also the Transceiver
section.
Bit 7 = ENCGQ:
C/QI pull-down enable
Table 13.
ENCGQ: C/Q pull-down enable
ENCGQ
Pull-down generator status
0Always OFF
1
If ENC/Q = 0
ON
If ENC/Q = 1
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com