Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 9Page - STMicroelectronics L6360 Datasheet HTML 10Page - STMicroelectronics L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
L6360
Electrical characteristics
Doc ID 022817 Rev 2
13/65
ILIMQ
C/QO low- and high-side limitation
current
500
1600
mA
IOFFL
L+ OFF-state current
ENL+ = 0,
VL+ = 0 V
0
200
µA
ICOL
L+ cutoff current
480
580
730
mA
ILIML
L+ limitation current
500
1600
mA
IINC/Qi
C/QI pull-down current
Programmable (see section
Control register 2)
56.5
mA
23.3
mA
IINI/Q
I/Q pull-down current
(see Control register 2)2
3
mA
RONL
L+ high-side ON-state resistance
IOUT = 0.2 A at TJ = 25 °C
1
Ω
IOUT = 0.2 A at TJ = 125 °C
2
Ω
RONCQH
C/QO high-side ON-state resistance
IOUT = 0.2 A at TJ = 25 °C
1
Ω
IOUT = 0.2 A at TJ = 125 °C
2
Ω
RONCQL
C/QO low-side ON-state resistance
IOUT = 0.2 A at TJ = 25 °C
0.6
Ω
IOUT = 0.2 A at TJ = 125 °C
1.2
Ω
tdINC/Q
INC/Q to C/QO propagation delay time
Push-pull (CQO rising edge)
140
ns
Push-pull (CQO falling edge)
160
ns
tENC/Q
ENC/Q to C/QO propagation delay time
Push-pull (CQO rising edge)
110
ns
Push-pull (CQO falling edge)
225
ns
trPP
C/Q rise time in push-pull
configuration
10% to 90%. See Figure 3
250
860
ns
tfPP
C/Q fall time in push-pull configuration
10% to 90%. See Figure 3
290
860
ns
trHS
C/Q rise time in high-side
configuration
410
ns
tfHS
C/Q fall time in high-side configuration
700
ns
trLS
C/Q rise time in low-side configuration
750
ns
tfLS
C/Q fall time in low-side configuration
530
ns
tENL
ENL to L+ propagation delay time
1
µs
trL+
L+ rise time
3
µs
tfL+
L+ fall time
25
µs
tdC/Qi
C/QI to OUTC/Q (falling) propagation
delay time
40
ns
C/QI to OUTC/Q (rising) propagation
delay time
100
ns
tdI/Q
I/Q to OUTI/Q (falling) propagation
delay time
40
ns
I/Q to OUTI/Q (rising) propagation
delay time
100
ns
Table 6.
Electrical characteristics - power section (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com