Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
21/65
6.1.7
Communication flow
The communication is managed by the microcontroller that generates the clock signal.
A serial data transfer always begins with a START condition and ends with a STOP
condition.
Data is transferred as 8-bit bytes, MSB first.
The first byte following the START condition contains the address (7 bits). A 9th clock pulse
follows the 8th clock cycle of a byte transfer, during which the receiver must send an
acknowledge bit to the transmitter.
Figure 8.
I2C communication
Each byte is followed by an acknowledgment bit as indicated by the A or A blocks in the
sequence. A START condition immediately followed by a STOP condition (void message) is
a prohibited format.
6.1.8
I2C address
Each I2C connected to the bus is addressable by a unique address.
The I2C address is 7 bits long, and there is a simple master/slave relationship.
The LSB of the L6360 address can be programmed by means of dedicated IC pins (SA0,
SA1 and SA2, which can be hard wired to VDD or GND, or handled by µC outputs): the
microcontroller can interface up to 8 L6360 ICs.
The I2C inside the device has 5 pins:
SDA: data
SCL: clock
SA0: LSB of L6360 address
SA1: bit 1 of L6360 address
SA2: bit 2 of L6360 address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com