Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
31/65
Note:
See also the Demagnetization section.
011
Push-pull
INC/Q low and ENC/Q high: HS ON and LS OFF.
INC/Q high and ENC/Q high: LS ON and HS OFF.
If ENC/Q is low, both HS and LS are OFF.
Slow asynchronous decay in case of cutoff or turn-off of both switches.
An internal deadtime is generated between each LS turn-off and the
following HS turn-on and between each HS turn-off and the following LS
turn-on.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
100
TRISTATE
HS and LS are OFF regardless of the state of ENC/Q and INC/Q.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
101
Low-side ON
LS is ON regardless of the state of ENC/Q and INC/Q.
Slow asynchronous decay in case of cutoff.
The receiver is OFF when ENC/Q is high: OUTC/Q is high
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
1
1
0
High-side ON
HS is ON regardless of the state of ENC/Q and INC/Q.
Slow asynchronous decay in case of cutoff.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
111
Push-pull
inductive load
INC/Q low and ENC/Q high: HS ON and LS OFF.
INC/Q high and ENC/Q high: LS ON and HS OFF.
If ENC/Q is low, both HS and LS are OFF.
Slow asynchronous decay in case of cutoff or turn-off of both switches.
An internal deadtime is generated between each LS turn-off and the
following HS turn-on and between each HS turn-off and the following LS
turn-on.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
Table 24.
C/Q output stage configuration (continued)
C/Q[2] C/Q[1] C/Q[0] Configuration
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com