Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics L6360 Datasheet HTML 63Page - STMicroelectronics L6360 Datasheet HTML 64Page - STMicroelectronics L6360 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
L6360
Package mechanical data
Doc ID 022817 Rev 2
63/65
12
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK®2 packages, depending on their level of environmental compliance. ECOPACK2
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK2 is an ST trademark.
Figure 49.
Package outline for VFQFPN - 26-lead 3.5 x 5 x 1 mm - 0.50 pitch
Table 37.
Mechanical data for VFQFPN - 26-lead 3.5 x 5 x 1 mm - 0.50 pitch(1) (2) (3)
1.
VFQFPN stands for thermally enhanced “very thin fine pitch quad flat package no lead”.
2.
Very thin profile: 0.80 < A
≤ 1.00 mm.
3.
All dimensions are in millimeters.
Symbol
Dimensions
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
0.20
b
0.18
0.25
0.30
D3.50
D2
1.90
2.00
2.10
E5.00
E2
3.40
3.50
3.60
e0.50
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com