Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Device configuration
L6360
30/65
Doc ID 022817 Rev 2
Configuration register
Read/write
Reset value: [100xxxxx]
Figure 15.
Configuration register
The configuration register holds data to configure the L6360 IC.
Bit 7:5 = C/Q[2:0]:
C/Q output stage configuration
Table 24.
C/Q output stage configuration
C/Q[2] C/Q[1] C/Q[0] Configuration
Notes
000
OFF
HS and LS are OFF regardless of the state of ENC/Q and INC/Q.
The receiver is OFF regardless of the state of ENC/Q.
0
0
1
Low-side
HS is always disabled.
LS is ON when INC/Q is high and ENC/Q is high, OFF in all other cases.
Slow asynchronous decay when the LS is turned off by ENC/Q or in case
of cutoff.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.
010
High-side
LS is always disabled.
HS is ON when INC/Q is low and ENC/Q is high, OFF in all other cases.
Slow asynchronous decay if the HS is turned off by ENC/Q or in case of
cutoff.
The internal pull-down current generator on C/QI should be disabled
through Control register 1, unless C/QI is connected to C/QO through
a 100
Ω (or more) resistor.
The receiver is OFF when ENC/Q is high: OUTC/Q is high.
The receiver is ON when ENC/Q is low:
if C/QI is high, OUTC/Q is low.
if C/QI is low, OUTC/Q is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com