Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 54Page - STMicroelectronics L6360 Datasheet HTML 55Page - STMicroelectronics L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
EMC protection considerations
L6360
58/65
Doc ID 022817 Rev 2
11
EMC protection considerations
Depending on final product use and environmental conditions, the master application may
require additional protection.
11.1
Supply voltage protection
In order to avoid overvoltages on a system supply, a voltage suppressor such as Transil™
can be added. A simple protection diagram example is shown in Figure 44.
Figure 44.
Supply voltage protection with uni-directional Transil
Performance of the above mentioned example is limited and does not include reverse
polarity protection. It is just a cost-effective solution.
A more sophisticated solution can be seen in Figure 45.
Table 32.
Supply voltage protection component description
Part
Function
Description
D_S
Supply overvoltage protection
Works as a primary overvoltage clamp to limit supply line
distortions - like surge pulses, oscillations caused by line
parasitic parameters (inductance) during plug-in phase, etc.
1500 W is recommended to provide reliable protection, uni-
directional type helps to avoid negative stress of the L6360.
C_F
Filtering bulk capacitor
An energy buffer for application supply, filters the application
supply to avoid high ripple during power driver switching, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com