Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics L6360 Datasheet HTML 63Page - STMicroelectronics L6360 Datasheet HTML 64Page - STMicroelectronics L6360 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
EMC protection considerations
L6360
62/65
Doc ID 022817 Rev 2
If an extended protection level is required, the solution seen in Figure 48 is recommended. It
provides robust protection according to IEC61131-2. It is suitable for IO-Link communication
and is backward compatible with SIO (standard I/O). It protects the L6360 application
against high energy surge pulses according to the IEC61000-4-5 standard. All the lines are
protected against ±2.5 kV surge pulse amplitude in common mode and ±1 kV in differential
mode considering 42
Ω/0.5 μF generator coupling.
Figure 48.
IO-Link and SIO applications extended protection
Table 36.
IO-Link and SIO applications extended protection component description
Part
Function
Description
C_I/Q, C_C/Q, C_L+
Filtration capacitors
Work as a basic protection against fast transient signals like burst
or radio-frequency domain applied to the lines. Limit voltage spike
frequency spectrum and amplitude.
D_I/Q, D_C/Q
Negative voltage spike
suppression
Schottky diodes with low VF clamp the disturbance applied to the
lines in a reverse polarity direction. Capable of conducting high
surge current pulses to avoid high peak current flow through
L6360 pins.
R_I/Q
Surge current limitation
Reduces the current flow in the L6360 - the I/Q pin in both
polarities when e.g. surge noise is applied to the line. If this
resistor is omitted, the I/Q line surge immunity is lower.
U2 (SPT01-335DEE) Overvoltage protection
Primary surge protection to avoid overvoltage on the L6360
interface. Protects L+ switch against negative voltage pulses.
Shares current flow of negative surge pulses with the additional
Schottky diodes on C/Q and I/Q lines. Clamps positive surge
pulse amplitude applied to I/Q line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com