Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
27/65
Bit 6:5 = ICOQ [1:0]: C/QO HS and LS cutoff current
This bit is used to configure the cutoff current value on the C/Q
channel, as shown in Table 14.
Bit 4:3 = tdcoq [1:0]:C/QO HS and LS cutoff current delay time
The channel output driver is turned off after a delay (tdcoq)
programmable by means of these two bits:
Bit 2
= trcoq:
C/QO restart delay time
After a cutoff event, the channel driver automatically restarts after
a delay (trcoq) programmable by means of this bit:
Table 14.
ICOQ: C/QO HS and LS cutoff current
Icoq [1]
Icoq[0]
Typ.
0
0
115 mA
0
1
220 mA
1
0
350 mA
1
1
580 mA
Table 15.
tdcoq: C/QO HS and LS cutoff current delay time
tdcoq [1]
tdcoq[0]
Typ.
0
0
100 µs
0
1
150 µs
1
0
200 µs
1
1
250 µs(1)
1.
According to power dissipation at 2 kHz switching, C < 1 µF, power dissipation 0.7 W.
Table 16.
trcoq: C/QO restart delay time
trcoq
Typ.
0
255 x tdcoq
1
Latched(1)
1.
Unlatch through I2C communication (reading or writing any internal registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com