Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
L6360
Electrical characteristics
Doc ID 022817 Rev 2
17/65
Table 11.
Main parameters typical variation vs. +/- 1% variation of Rbias value
Symbol
Parameter
Typ. variation vs. Rbias
Rbias [kΩ]
122.74
124
125.24
Is
Supply current
0.76%
0
-0.50%
IINC/Qi
Input current C/QI pin (5.5 mA)
0.93%
0
-0.93%
IINC/Qi
Input current C/QI pin (2.5 mA)
0.75%
0
-1.13%
IINI/Q
Input current I/Q pin (2.5 mA)
0.85%
0
-0.85%
tdcoq
C/QO low- and high-side cutoff current delay time
-2.44%
0
2.00%
ICOQ
C/QO low- and high-side cutoff current (115 mA)
1.19%
0
-1.28%
tdcol
L+ cutoff current delay time (500 µs)
-0.95%
0
0.47%
ICOL
L+ cutoff current
1.36%
0
-0.91%
trcol
L+ restart delay time
-0.93%
0
0.97%
VUV
Undervoltage ON-threshold
0.00%
0
0.00%
VDD
Linear regulator output voltage (3.3 V)
-0.03%
0
0.03%
VDD
Linear regulator output voltage (5 V)
-0.02%
0
0.02%
ILIMQ
C/QO high-side limitation current
0.64%
0
-0.71%
ILIMQ
C/QO low-side limitation current
0.28%
0
-1.47%
ILIML
L+ limitation current
0.47%
0
-2.09%
VQTHH
C/QI and I/Q upper voltage threshold
0.00%
0
0.00%
VQTHL
C/QI and I/Q lower voltage threshold
0.00%
0
0.00%
VQHY
C/Q and I/Q hysteresis voltage
0.00%
0
0.00%
trPP
C/Q rise time in push-pull configuration
-1.59%
0
1.18%
tfPP
C/Q fall time in push-pull configuration
-2.14%
0
0.94%
tdINC/Q
INC/Q to C/QO propagation delay time
-1.44%
0
0.75%
tdINC/Q
INC/Q to C/QO propagation delay time
-2.36%
0
0.18%
tdC/Qi
C/QI to OUTC/Q propagation delay time
0.49%
0
1.13%
tdC/Qi
C/QI to OUTC/Q propagation delay time
1.82%
0
0.03%
tdbq
C/QI de-bounce time (100 µs)
-1.76%
0
1.50%
tdcoq
C/QO low- and high-side cutoff current delay time (200 µs)
-1.27%
0
2.00%
ICOQ
C/QO low-side cutoff current (220 mA)
0.39%
0
-1.56%
ICOQ
C/QO low-side cutoff current (350 mA)
0.36%
0
-1.43%
ICOQ
C/QO low-side cutoff current (580 mA)
0.65%
0
-1.72%
trcoq
C/QO restart delay time
-0.90%
0
0.97%
ICOQ
C/QO high-side cutoff current (220 mA)
0.84%
0
-0.84%
ICOQ
C/QO high-side cutoff current (350 mA)
1.38%
0
-0.69%
ICOQ
C/QO high-side cutoff current (580 mA)
1.08%
0
-1.08%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com