Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 52Page - STMicroelectronics L6360 Datasheet HTML 53Page - STMicroelectronics L6360 Datasheet HTML 54Page - STMicroelectronics L6360 Datasheet HTML 55Page - STMicroelectronics L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Linear regulator
L6360
56/65
Doc ID 022817 Rev 2
9
Linear regulator
The L6360 embeds a linear regulator with output voltage selectable (by the SEL pin)
at 3.3 V or 5 V.
The input voltage is VH (seeTable 3) and the maximum power dissipation is 200 mW.
The linear regulator minimum limitation current value is ILIMLR (see Table 7).
Figure 41.
Linear regulator
The linear regulator cannot be turned off as it is necessary to supply (through VDD pin)
internal circuitries.
It can also be used to supply external circuitry (e.g. the microcontroller).
Figure 42.
Linear regulator principle schematic
Table 31.
Linear regulator selection pin
SEL
VDD
0
5 V ± 2.5%
1
3.3 V ± 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com