Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 51Page - STMicroelectronics L6360 Datasheet HTML 52Page - STMicroelectronics L6360 Datasheet HTML 53Page - STMicroelectronics L6360 Datasheet HTML 54Page - STMicroelectronics L6360 Datasheet HTML 55Page - STMicroelectronics L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
L6360
Diagnostic LED sequence generator and driver
Doc ID 022817 Rev 2
55/65
7.2
IEC 61131-2 type 1 digital inputs
Two IEC61131-2 type 1 inputs are provided: one is available on C/QI (as per IO-Link
specification to support SIO mode) and one on the I/Q pin.
Both are provided with a programmable de-bounce filter (tdbq and tdbi, see Table 17 and
Table 23) to prevent false triggering.
8
Diagnostic LED sequence generator and driver
Each LED indication block can drive, through open drain output, one external LED.
LED drivers can be used for status or diagnostic information, or for other purposes, and
should be configured by the host microcontroller.
Two sequences of 16 bits can be programmed (through I2C) to generate user specific
sequences; each LED driver has two associated registers and turns the external LED on or
off according to the information stored in the registers, which are scanned at a rate of
63 ms per bit; total sequence time of each LED is approximately 1 s.
See also the LED registers section.
Figure 40 shows how to wire up the two LEDs:
Figure 40.
LED drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com