Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
L6360
Electrical characteristics
Doc ID 022817 Rev 2
15/65
Table 8.
Electrical characteristics - logic inputs and outputs
Table 7.
Electrical characteristics - linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Linear regulator output voltage
SEL = L
4.84
5
5.13
V
SEL = H
3.22
3.3
3.37
V
ILIMLR
Linear regulator output current
limitation
65
mA
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Input low-level voltage
0.8
V
VIH
Input high-level voltage
2.2
V
VIHIS
Input hysteresis voltage
0.2
V
IIN
Input current
VIN = 5 V
1
µA
VOL
Output low-level voltage
IOUT = -2 mA
0.5
V
VOH
Output high-level voltage
IOUT = 2 mA
VDD - 0.5 V
V
VLIRQ
Open drain output low-level
voltage
IOUT = 2 mA
0.5
V
Table 9.
Electrical characteristics - LED driving
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VLED1, 2
Open drain output low-level
voltage
ILED = 2 mA
-
0.5
V
ILED
LED1, 2 leakage current
VLED1 = VLED2 = 5 V
3
nA
Table 10.
Electrical characteristics - I2C (Fast mode)(1)
Symbol
Parameter
Test condition
Min.
Max.
Unit
VIL(SDA)
SDA low-level input voltage
0.3
V
VIH(SDA)
SDA high-level input voltage
0.7 x VDD
V
VIL(SCL)
SCL low-level input voltage
0.3
V
VIH(SCL)
SCL high-level input voltage
0.7 x VDD
V
IIN
I2C SDA, SCL input current
(0.1 x VDD) <VIN < (0.9 x VDD)
-10
10
µA
tr(SDA)
I2C SDA rise time
20 + 0.1 Cb
300
ns
tr(SCL)
I2C SCL rise time
20 + 0.1 Cb
300
ns
tf(SDA)
I2C SDA fall time
20 + 0.1 Cb
300
ns
tf(SCL)
I2C SCL fall time
20 + 0.1 Cb
300
ns
tsu(SDA)
SDA setup time
100
ns
th(SDA)
SDA hold time
0.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com