Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 10Page - STMicroelectronics L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics L6360 Datasheet HTML 17Page - STMicroelectronics L6360 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Electrical characteristics
L6360
14/65
Doc ID 022817 Rev 2
tdcoq
C/QO low- and high-side cutoff current
delay time
Programmable
(see Control register 1)
100
µs
150
µs
200
µs
250
µs
trcoq
C/QO restart delay time
Programmable
(see Control register 1)
255 × tdcoq
Latched(1)
tdbq
C/QI de-bounce time
Programmable
(see Control register 1)
0µs
5µs
20
µs
100
µs
tdbl
I/Q de-bounce time
Programmable
(see Control register 2)
0µs
5µs
20
µs
100
µs
tdcol
L+ cutoff current delay time
Programmable
(see Control register 2)
500
µs
0µs
trcol
L+ restart delay time
Programmable
(see Control register 2)
64
ms
Latched(1)
TJSD
Junction temperature shutdown
150
°C
TJHYST
Junction temperature thermal
hysteresis
20
°C
TJRST
Junction temperature restart threshold
130
°C
1.
Unlatch through I2C communication.
Table 6.
Electrical characteristics - power section (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com