Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 8Page - STMicroelectronics L6360 Datasheet HTML 9Page - STMicroelectronics L6360 Datasheet HTML 10Page - STMicroelectronics L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics L6360 Datasheet HTML 15Page - STMicroelectronics L6360 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Electrical characteristics
L6360
12/65
Doc ID 022817 Rev 2
5
Electrical characteristics
(18 V < VCC < 30 V; -25 °C < TJ < 125 °C; VDD = 5 V; unless otherwise specified.)
xxx
Table 6.
Electrical characteristics - power section
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VCLAMP
Voltage clamp
I = 5 mA
36
V
VUV
Undervoltage ON-threshold
16
17
18
V
VUVH
Undervoltage hysteresis
0.3
1
V
VREGLN5H
Linear regulator undervoltage high
threshold
SEL = L
4.3
4.7
V
VREGLN5L
Linear regulator undervoltage low
threshold
SEL = L
3.6
4.2
V
VREG5HYS
Linear regulator undervoltage
hysteresis
SEL = L
0.1
V
VREGLN33H
Linear regulator undervoltage high
threshold
SEL = H
2.8
3.1
V
VREGLN33L
Linear regulator undervoltage low
threshold
SEL = H
2.5
2.7
V
VREG33HYS
Linear regulator undervoltage
hysteresis
SEL = H
0.1
V
VQTHH
C/QI and I/Q upper voltage threshold
10.5
12.9
V
VQTHL
C/QI and I/Q lower voltage threshold
8
11.4
V
VQHY
C/Q and I/Q hysteresis voltage
1
V
Vdemag
L+ demagnetization voltage
I = 5 mA
-8.5
-6.5
-4.8
V
VfHS
C/Q high-side freewheeling diode
forward voltage
I = 10 mA
0.5
V
VfLS
C/Q low-side freewheeling diode
forward voltage
I = 10 mA
0.5
V
VLTHOFF
L+ line diagnostic lower threshold
9
10
11
V
VLTHY
L+ line diagnostic hysteresis
0.1
1
V
VLTHON
L+ line diagnostic upper threshold
10
11
12
V
IS
Supply current
OFF-state
100
µA
ON-state VCC at 32.5 V
4
mA
IOFFCQ
OFF-state C/QO current
ENC/Q = 0, VC/Q = 0 V
1
µA
ICOQ
C/QO low- and high-side cutoff current
Programmable
(see Control register 1)
70
115
190
mA
150
220
300
mA
290
350
440
mA
430
580
720
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com