Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics L6360 Datasheet HTML 46Page - STMicroelectronics L6360 Datasheet HTML 47Page - STMicroelectronics L6360 Datasheet HTML 48Page - STMicroelectronics L6360 Datasheet HTML 49Page - STMicroelectronics L6360 Datasheet HTML 50Page - STMicroelectronics L6360 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
47/65
Figure 30.
Register sequence in sequential Write mode
Read modes
The status register and parity check register are read only.
The other registers are readable/writable (by microcontroller).
There are three reading modes:
Current: status register only
Sequential: all registers in sequence
Random: to read registers in sequence starting from a register address fixed by the
microcontroller.
All registers are addressed as shown in Table 30:
Table 29.
Read mode: register address
Address
Register name
0000
Status register
0001
Configuration register
0010
Control register 1
0011
Control register 2
0100
LED1 register MSB
0101
LED1 register LSB
0110
LED2 register MSB
0111
LED2 register LSB
1000
Parity register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com