Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 18Page - STMicroelectronics L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Device configuration
L6360
22/65
Doc ID 022817 Rev 2
The I2C L6360 IC address is:
Fixed part (4 MSBits): set to “1100”
Programmable part (3 LSBits) by hardware: from “000 to 111" connecting SAx pins to
GND or VDD.
In L6360 the SDA is an open drain pin.
6.1.9
Internal registers
The L6360 has some internal registers to perform control, configuration, and diagnostic
operations.
These registers are listed below:
Status register
Configuration register
Control register 1
Control register 2
LED1 register MSB
LED1 register LSB
LED2 register MSB
LED2 register LSB
Parity register.
Each register is addressable:
Table 12.
Register addresses
Address
Register name
0000
Status register
0001
Configuration register
0010
Control register 1
0011
Control register 2
0100
LED1 MSB
0101
LED1 LSB
0110
LED2 MSB
0111
LED2 LSB
1000
Parity register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com