Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics L6360 Datasheet HTML 36Page - STMicroelectronics L6360 Datasheet HTML 37Page - STMicroelectronics L6360 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Device configuration
L6360
34/65
Doc ID 022817 Rev 2
6.1.10
Startup default configuration
Table 25 and Table 26 show the device registers default configuration.
Table 25.
Parameters default configuration
Parameter
Default value
Icoq
220 mA
tdcoq
100 µs
trcoq
25 ms
tdbq
5 µs
tdcol
0 µs
trcol
64 ms
tbdq
5 µs
Output stage
TRISTATE
Table 26.
Registers default configuration
Registers
Bit position
Bit name
Reset value
Status register
Bit 7
PO
0
Bit 6
Not used
x
Bit 5
OVT
0
Bit 4
CQOL
0
Bit 3
IQOL
0
Bit 2
Not used
x
Bit 1
REG LN
0
Bit 0
PE
0
Configuration register
Bit 7
C/Q2
1
Bit 6
C/Q1
0
Bit 5
C/Q0
0
Bit 4
Not used
x
Bit 3
Not used
x
Bit 2
Not used
x
Bit 1
Not used
x
Bit 0
Not used
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com