Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6360 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics L6360 Datasheet HTML 29Page - STMicroelectronics L6360 Datasheet HTML 30Page - STMicroelectronics L6360 Datasheet HTML 31Page - STMicroelectronics L6360 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Device configuration
L6360
28/65
Doc ID 022817 Rev 2
Bit 1:0 = tdbq [1:0]: C/QI de-bounce time
De-bounce time is the minimum time that data must be in a given state
after a transition.
It is a programmable time, and can be configured as shown in
Table 17.
Control register 2
Read/write
Reset value: [0x100001]
Figure 14.
Control register 2
The control register holds the parameters to control the L6360. See also the Transceiver
section.
Bit 7
= ENCGI:
I/Q pull-down enable
.
Bit 5 = CQPDG:
C/Q, channel pull-down generators
In order to reduce consumption, it is possible to switch from default to
low-power configuration by resetting the CQPDG bit.
.
Table 17.
tdbq: C/QI de-bounce time
tdbq [1]
tdbq [0]
Typ.
00
0 µs
01
5 µs
1
0
20 µs
1
1
100 µs
Table 18.
ENCGI: I/Q pull-down enable
ENCGI
Pull-down generator status
0Always OFF
1Always ON
Table 19.
CQPDG: C/Q pull-down generator switching
CQPDG
Pull-down generator status
0IINI/Qi (input current C/QI pin) = 2.5 mA
1IINC/Qi (input current C/QI pin) = 5.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com